Part Number Hot Search : 
N6302 C5121 500RL F06T4 MAE13030 HT9274 SBS00 T4005
Product Description
Full Text Search
 

To Download PCM-5896-C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Power Intel(R) Pentium(R) Processor
PCI slot Power input connector TTL LCD pin header RJ-45 Ethernet connector
PCM-5896
1
Compact Boards
Features
Onboard Low-power Intel(R) Pentium(R) Processor with MMXTM Technology 36-bit Dual Channel TTL TFT/DSTN/MONO LCD AC-97 High-quality Audio Supports PCI and PC/104 Slots Supports DiskOnChip(R) Memory 4 COM / 2 USB Ports
2
SubCompact Boards
CRT box header COM port pin header Audio connector Printer port box header DiskOnChip(R) socket Floppy Disk Drive connector Keyboard & Mouse pin header
3
Embedded Motherboards
4
Media PC
44 pin IDE connector PC/104 socket USB pin header
5
Packing List
Specifications
System CPU System Memory Chipset I/O Chipset Ethernet BIOS Watchdog Timer H/W Status Monitoring SSD Expansion Interface Battery Power Requirement Board Size Gross Weight Operating Temperature Display Chip Memory Resolutions LCD Interface I/O MIO IrDA Audio USB EIDE x 1(UDMA33 x 1), Floppy Disk Drive x 1, Keyboard+Mouse x 1, RS-232 x 3, RS-232/422/485 x 1, Parallel x 1 One IrDA Tx/Rx header Mic-in, Line-in, Line-out One 4x2 pin header supports 2 USB1.1 ports Onboard Low-power Intel(R) Pentium(R) processor 266MHz with MMXTM technology 168-pin SDRAM DIMM x 1, Max. 256MB (PC-66/100) ALi 1541+1543 ALi 1543/ITE IT8661F Realtek RTL8139DL, 10/100Base-TX RJ-45 connector x 1 AWARD 256KB FLASH ROM Generate a time-out system reset Supports power supply voltages and temperature monitoring DiskOnChip(R) up to 1GB PCI slot x 1, PC/104 socket x 1 Lithium battery +5V, +12V. AT/ATX 8"(L) x 5.75"(W) (203mm x 146mm) 1.2lb (0.5kg) 32F ~ 140F (0C ~ 60C) Supports LCD / CRT simultaneous display C&T 69000 Built-in 2MB up to 1024x768@16bpp colors for CRT up to 1024x768@18bpp colors for LCD up to 36-bit dual channel TTL TFT/DSTN/MONO LCD
PC/104 CPU Modules
* 9657666600 Jumper Cap * Quick Installation Guide * Utility CD * PCM-5896
Ordering Information
6
ETX CPU Modules
7
RISC CPU Module
* PCM-5896-C10 *
Compact Board, Super 7, P266, with LCD, 8139D LAN, Audio, 4 COM, ATX, Rev.C1.0 PCM-5896-C10-01 Compact Board, Super 7, P266, with LCD, 8139D LAN, Audio, 4 COM, AT, Rev.C1.0
8
Mini PCI Modules
Optional Accessories
* PCM-10489-5 Wiring Kit for PCM-4896/4896L/5896/6890B * PER-1110-A10
9
PC/104 Peripheral Modules
Riser Card for PCI, 2-slot, PCM-4896/4896L/5896/6890B/6892/ 6893/6894/6896, Rev.A1.0
10
Full-size SBC
11
Half-size SBC
12
Accessories
www.aaeon.com
1-10


▲Up To Search▲   

 
Price & Availability of PCM-5896-C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X